Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS1016BTB1 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS1016BTB1
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016BTB1 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS1016BTB1 Datasheet HTML 2Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 3Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 4Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 5Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 6Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 7Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 8Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 9Page - Micro Analog systems MAS1016BTB1 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 (10)
DA1016B.001
27 January, 2004
REEL SPECIFICATIONS
Dimension
Min
Max
Unit
A
330
mm
B
1.5
mm
C
12.80
13.50
mm
D
20.2
mm
N
50
mm
W1
(measured at hub)
12.4
14.4
mm
W2
(measured at hub)
18.4
mm
Trailer
160
mm
Leader
390,
of which minimum
160mm of empty carrier
tape sealed with cover
tape
mm
Weight
1500
g
D
A
B
C
N
W
1
W
2
Tape Slot for Tape Start
Components
Trailer
Leader
Carrier Tape
Cover Tape
Start
End
2000 Components on Each Reel
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com