Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040A Datasheet(PDF) 51 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M50FLW040A Datasheet HTML 47Page - STMicroelectronics M50FLW040A Datasheet HTML 48Page - STMicroelectronics M50FLW040A Datasheet HTML 49Page - STMicroelectronics M50FLW040A Datasheet HTML 50Page - STMicroelectronics M50FLW040A Datasheet HTML 51Page - STMicroelectronics M50FLW040A Datasheet HTML 52Page - STMicroelectronics M50FLW040A Datasheet HTML 53Page - STMicroelectronics M50FLW040A Datasheet HTML 54Page - STMicroelectronics M50FLW040A Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
M50FLW040A, M50FLW040B
Part numbering
51/64
11
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
The category of second-Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 33.
Ordering information scheme
Example:
M50FLW040
A
K
5
T
P
Device Type
M50 = Flash Memory for PC BIOS
Architecture
FL = Firmware Hub/Low Pin Count Interface
Operating Voltage
W = VCC = 3.0 to 3.6V
Device Function
040 = 4 Mbit (x8), Uniform Blocks and Sectors
Array Matrix
A = 2 x 16 x 4KByte top sectors + 1 x 16 x 4KByte bottom sectors
B = 1 x 16 x 4KByte top sectors + 2 x 16 x 4KByte bottom sectors(1)
1.
Devices with this architecture are Not Recommended for New Design.
Package
K = PLCC32
NB = TSOP32: 8 x 14mm(2)
2.
Devices delivered in this package are Not Recommended for New Design.
N = TSOP40: 10 x 20 mm(2)
Device Grade
5 = Temperature range –20 to 85 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHs compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com