Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD77015 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD77015
Description  MOS INTEGRATED CIRCUIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77015 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD77015 Datasheet HTML 9Page - Renesas Technology Corp UPD77015 Datasheet HTML 10Page - Renesas Technology Corp UPD77015 Datasheet HTML 11Page - Renesas Technology Corp UPD77015 Datasheet HTML 12Page - Renesas Technology Corp UPD77015 Datasheet HTML 13Page - Renesas Technology Corp UPD77015 Datasheet HTML 14Page - Renesas Technology Corp UPD77015 Datasheet HTML 15Page - Renesas Technology Corp UPD77015 Datasheet HTML 16Page - Renesas Technology Corp UPD77015 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
11
µPD77015, 77017, 77018
Remark
The state of the pins added 3S becomes high impedance when bus release signal (HOLDAK = 0) is output.
• External data memory interface
Symbol
Pin No.
I/O
Function
X/Y
7
O
Memory select signal output
(3S)
• 0: X memory is used.
• 1: Y memory is used.
DA13 - DA0
8, 9, 12 -19, 22 - 25
O
Address bus to external data memory
(3S)
• External data memory is accessed.
• During the external memory is not accessed, these pins
keep the previous level.
These pins are set to low level; 0000H, by reset.
They continue outputting low level until the first external
memory access.
D15 - D0
26 -29, 32 - 35, 38 - 41,
I/O
16 bits data bus to external data memory
44 - 47
(3S)
• External data memory is accessed.
MRD
98
O
Read output
(3S)
• Reads external memory
MWR
95
O
Write output
(3S)
• Writes external memory
WAIT
100
I
Wait signal input
• Wait cycle is input when external memory is read.
1: No wait
0: Wait
HOLDRQ
93
I
Hold request signal input
• Input low level when external data memory bus is
expected to use.
BSTB
99
O
Bus strobe signal output
• Outputs low level while the
µPD77017 is occupying
external memory bus.
HOLDAK
94
O
Hold acknowledge signal output
• Outputs low level when the
µPD77017 permits external
device to use external data memory bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com