Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400BT70M3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29F400BT70M3
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT70M3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29F400BT70M3 Datasheet HTML 9Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 10Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 11Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 12Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 13Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 14Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 15Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 16Page - STMicroelectronics M29F400BT70M3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
M29F400BT, M29F400BB
Bus operations
13/40
3
Bus operations
There are five standard bus operations that control the device. These are Bus Read, Bus
Write, Output Disable, Standby and Automatic Standby. See Table 2. and Table 3., Bus
Operations, for a summary. Typically glitches of less than 5ns on Chip Enable or Write
Enable are ignored by the memory and do not affect bus operations.
3.1
Bus Read
Bus Read operations read from the memory cells, or specific registers in the Command
Interface. A valid Bus Read operation involves setting the desired address on the Address
Inputs, applying a Low signal, VIL, to Chip Enable and Output Enable and keeping Write
Enable High, VIH. The Data Inputs/Outputs will output the value, see Figure 8., Read Mode
AC Waveforms, and Table 12., Read AC Characteristics, for details of when the output
becomes valid.
3.2
Bus Write
Bus Write operations write to the Command Interface. A valid Bus Write operation begins by
setting the desired address on the Address Inputs. The Address Inputs are latched by the
Command Interface on the falling edge of Chip Enable or Write Enable, whichever occurs
last. The Data Inputs/Outputs are latched by the Command Interface on the rising edge of
Chip Enable or Write Enable, whichever occurs first. Output Enable must remain High, VIH,
during the whole Bus Write operation. See Figure 9. and Figure 10., Write AC Waveforms,
and Table 13. and Table 14., Write AC Characteristics, for details of the timing requirements.
3.3
Output Disable
The Data Inputs/Outputs are in the high impedance state when Output Enable is High, VIH.
3.4
Standby
When Chip Enable is High, VIH, the Data Inputs/Outputs pins are placed in the high-
impedance state and the Supply Current is reduced to the Standby level.
When Chip Enable is at VIH the Supply Current is reduced to the TTL Standby Supply
Current, ICC2. To further reduce the Supply Current to the CMOS Standby Supply Current,
ICC3, Chip Enable should be held within VCC ± 0.2V. For Standby current levels see Table
11., DC Characteristics.
During program or erase operations the memory will continue to use the Program/Erase
Supply Current, ICC4, for Program or Erase operations until the operation completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com