Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC2-150 Datasheet(PDF) 1 Page - Integrated Power Designs Inc.

Part # DC2-150
Description  150 WATTS SINGLE/MULTI OUTPUT DC-DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

DC2-150 Datasheet(HTML) 1 Page - Integrated Power Designs Inc.

  DC2-150 Datasheet HTML 1Page - Integrated Power Designs Inc. DC2-150 Datasheet HTML 2Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
50
60
70
Ambient Temperature (C)
F O R C E D
A I R
C O N V E C T I O N
C O N V E C T I O N
150 WATTS
SINGLE/MULTI OUTPUT DC-DC
FEATURES:
CHASSIS/COVER
OPEN FRAME
SAFETY SPECIFICATIONS
Underwriters Laboratories
File E137708/E140259
UL 62368-1:2014, 2nd Edition
CAN/CSA-C22.2 No. 62368-1-14
AAMI/ANSI ES60601-1:2005/(R) 2012
CAN/CSA-C22.2 No. 60601-1:2014
CB Reports/Certificates (including all
National and Group Deviations)
IEC 62368-1:2014, 2nd Edition
IEC 60601-1:2005/A1:2012
TUV SUD America
EN 62368-1:2014, 2nd Edition
EN 60601-1:2006/A1:2013
RoHS Directive (Recast)
(2015/863/EU of March 2015)
Restriction of the Use of Certain Hazardous Substances in EEE Regulations
2012 SI No. 3032 + 2019 SI No.492
MODEL LISTING
MODEL
OUTPUT 1(20) OUTPUT 2(20) OUTPUT 3(19) OUTPUT 4(19)
DC2-150-4001 +3.3V/15A(17)
+5V/8A
+12V/2A
-12V/2A
DC2-150-4002 +5V/15A(17)
+3.3V/8A
+12V/2A
-12V/2A
DC2-150-4003 +5V/15A(17)
+3.3V/8A
+15V/2A
-15V/2A
DC2-150-4004 +5V/15A(17)
-5V/8A
+12V/2A
-12V/2A
DC2-150-4005 +5V/15A(17)
-5V/8A
+15V/2A
-15V/2A
DC2-150-4006 +5V/15A(17)
+24V/3A
+12V/2A
-12V/2A
DC2-150-4007 +5V/15A(17)
+24V/3A
+15V/2A
-15V/2A
DC2-150-3001 +5V/15A(17)
+12V/4A
-12V/3A
DC2-150-3002 +5V/15A(17)
+15V/3A
-15V/2A
DC2-150-2001 +3.3V/15A(17)
+5V/8A
DC2-150-2002 +5V/15A(17)
+12V/5A
DC2-150-2003 +5V/15A(17)
+24V/3A
DC2-150-2004 +12V/7.5A
-12V/5A
DC2-150-2005 +15V/5A
-15V/5A
DC2-150-1001 2.5V/30A(18)
DC2-150-1002 3.3V/30A(18)
DC2-150-1003 5V/30A(18)
DC2-150-1004 12V/12.5A
DC2-150-1005 15V/10.0A
DC2-150-1006 24V/6.3A
DC2-150-1007 28V/5.4A
DC2-150-1008 48V/3.1A
ORDERING INFORMATION
Consult factory for alternate output configurations.
Consult factory for positive, negative or floating outputs.
Please specify the following optional features when ordering:
CH - Chassis
I/O - Isolated Outputs
CO - Cover
TS - Terminal Strip
BD – Reverse Input Protection
DC2-150
OUTPUT SPECIFICATIONS
Total Output Power at 50°C(1)
100W
Convection Cooled(13, 15)
(See Derating Chart)
150W
300LFM Forced-Air Cooled(12, 14, 16)
Output Voltage Centering
Output 1:
 0.5%
(All outputs at 50% load)
Output 2:
 5.0%
Output 3:
 5.0%
Output 4:
 5.0%
Output Voltage Adjust Range
Output 1:
95 - 105%
Load Regulation
Output 1:
0.5%
(10-100% load change)
Output 2:
5.0%
(10-100% load change)
(4001-5 Models) 8.0%
(20-100% load change)
(2001 Model)
6.0%
(20-100% load change)
Output 3:
5.0%
(10-100% load change)
Output 4:
5.0%
(10-100% load change)
Source Regulation
Outputs 1 – 4:
0.5%
Cross Regulation
Outputs 2 – 4:
5.0%
Output Noise
Outputs 1 – 4:
1.0%
0.5%
Turn on Overshoot
None
Transient Response
Outputs 1 – 4
Voltage Deviation
5.0%
Recovery Time
500
S
Load Change
50% to 100%
Output Overvoltage Protection
Output 1:
110% to 150%
Output Overpower Protection
110-160% rated Pout, cycle on/off, auto recovery
Start Up Time
5 Seconds
INPUT SPECIFICATIONS
Input Voltage Range
18-36 VDC
Input Under-Voltage Lockout
Turn-0n Voltage
14.5-17.5 VDC
Turn-off Voltage
14.0-17.0 VDC
Input Overvoltage Shutdown
37.0-43.0 VDC
Maximum Input Current
11.5 A
Reflected Ripple Current
5 %
Efficiency
82% Typ., Full Power, 24 VDC, varies by model
ENVIRONMENTAL SPECIFICATIONS
Ambient Operating
0
 C to + 70 C
Temperature Range
Derating: See Power Rating Chart
Ambient Storage Temp. Range
- 40
 C to + 85 C
Temperature Coefficient
Outputs 1 – 4:
0.02%/
C
Altitude
3,000m ASL – Operating – Medical 60601-1
5,000m ASL – Operating – ITE/AV – 62368-1
12,192m ASL – Non-Operating
GENERAL SPECIFICATIONS
Means of Protection
Primary to Secondary
2MOOP (Means of Operator Protection)
Primary to Ground
1MOOP (Means of Operator Protection)
Secondary to Ground
Operational Insulation(Consultfactory for1MOPP)
Dielectric Strength(7, 8)
Reinforced Insulation
4242 VDC, Primary to Secondary
Basic Insulation
2121 VDC, Primary to Ground
Operational Insulation
707 VDC, Secondary to Ground
Power Good Signal(11)
Logic high with input voltage above Vin min.
Remote Sense(9)
250mV compensation of output cable losses
Mean-Time Between Failures
100,000 Hours min., MIL-HDBK-217F, 25° C, GB
Weight
0.90 Lbs.
Open Frame
1.60 Lbs.
Chassis and Cover
EMC SPECIFICATIONS
Electrostatic Discharge
EN61000-4-2
8KV contact/ 15KV air discharge
A
Electrical Fast Transients/Bursts
EN61000-4-4
2KV, 5KHz/100KHz
A
Surge Immunity
EN61000-4-5
2KV line to earth/ 1KV line to line
A
MAXIMUM OUTPUT POWER vs. AMBIENT TEMPERATURE
All specifications are maximum at 25°C/150W unless otherwise stated, may vary by model and
are subject to change without notice.
• Compact 3.8" x 6" x 1.3" Size
• 2 Year Warranty
• 18-36VDC Input
• One to Four Outputs
• 4242VDC Reinforced Insulation
• Under/Overvoltage Lockout
• Size/Pin Compatible with REL-150 Series
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• 0-70°C Operating Temperature
• RoHS Compliant
• Optional Chassis/Cover
• Power Good Signal
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com


Similar Part No. - DC2-150

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1001 IPDPOWER-DC2-110-1001 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1002 IPDPOWER-DC2-110-1002 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1003 IPDPOWER-DC2-110-1003 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC2-110-1004 IPDPOWER-DC2-110-1004 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results

Similar Description - DC2-150

ManufacturerPart #DatasheetDescription
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
PBIH-1205F POWERBOX-PBIH-1205F Datasheet
662Kb / 3P
15-150 WATTS DC/DC SINGLE OUTPUT
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
CE-150 IPDPOWER-CE-150 Datasheet
579Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
REV V 10/6/2022
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-185 IPDPOWER-DC4-185 Datasheet
404Kb / 2P
185 WATTS SINGLE/MULTI OUTPUT DC-DC
Rev. W 10/06/2022
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com