Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3241E Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3241E
Description  짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241E Datasheet(HTML) 5 Page - STMicroelectronics

  ST3241E_06 Datasheet HTML 1Page - STMicroelectronics ST3241E_06 Datasheet HTML 2Page - STMicroelectronics ST3241E_06 Datasheet HTML 3Page - STMicroelectronics ST3241E_06 Datasheet HTML 4Page - STMicroelectronics ST3241E_06 Datasheet HTML 5Page - STMicroelectronics ST3241E_06 Datasheet HTML 6Page - STMicroelectronics ST3241E_06 Datasheet HTML 7Page - STMicroelectronics ST3241E_06 Datasheet HTML 8Page - STMicroelectronics ST3241E_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST3241E
Maximum ratings
5/17
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Note:
1
V+ and V- can have a maximum magnitude of +7V, but their absolute addition cannot
exceed 13 V.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 6
V
V+
Extra Positive Voltage (Note 1)
(VCC -0.3) to 7
V
V-
Extra negative Voltage (Note 1)
0.3 to -7
V
V+ +|V-|
(Note 1)
13
V
SHDN, EN, TIN Input Voltage
-0.3 to 6
V
RIN
Receiver Input Voltage Range
± 25
V
TOUT
Transmitter Output Voltage Range
± 13.2
V
ROUT ROUTB
INVALID
Receiver Output Voltage Range
-0.3 to (VCC + 0.3)
V
tSHORT
Short Circuit Duration on TOUT (one at a time)
Continuous
Tstg
Storage Temperature Range
-65 to 150
°C
Table 4.
ESD Performance: transmitter outputs, receiver inputs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ESD
ESD Protection voltage
Human body model
± 15
KV
ESD
ESD Protection voltage
IEC 1000-4-2 (contact discharge)
± 8KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com