Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90347CEPF Datasheet(PDF) 63 Page - fujitsu semiconductor

Part # MB90347CEPF
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CEPF Datasheet(HTML) 63 Page - fujitsu semiconductor

Back Button MB90347CEPF Datasheet HTML 59Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 60Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 61Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 62Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 63Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 64Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 65Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 66Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 67Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
MB90340E Series
63
(8) Hold Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Note : There is more than 1 cycle from when HRQ reads in until the HAK is changed.
Parameter
Symbol
Pin
Condition
Value
Units
Remarks
Min
Max
Pin floating
→ HAK ↓
time
tXHAL
HAK
⎯
30
tCP
ns
HAK
↑ time → Pin valid
time
tHAHV
HAK
tCP
2 tCP
ns
HAK
Each pin
Hi-Z
tHAHV
tXHAL
2.4 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com