Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79L12ACZ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM79L12ACZ
Description  3-Terminal Negative Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79L12ACZ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM79L12ACZ Datasheet HTML 1Page - National Semiconductor (TI) LM79L12ACZ Datasheet HTML 2Page - National Semiconductor (TI) LM79L12ACZ Datasheet HTML 3Page - National Semiconductor (TI) LM79L12ACZ Datasheet HTML 4Page - National Semiconductor (TI) LM79L12ACZ Datasheet HTML 5Page - National Semiconductor (TI) LM79L12ACZ Datasheet HTML 6Page - National Semiconductor (TI) LM79L12ACZ Datasheet HTML 7Page - National Semiconductor (TI) LM79L12ACZ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
V
O = −5V, −12V, −15V
−35V
Internal Power Dissipation (Note 2)
Internally Limited
Operating Temperature Range
0˚C to +70˚C
Maximum Junction Temperature
+125˚C
Storage Temperature Range
−55˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Electrical Characteristics (Note 3)
T
A = 0˚C to +70˚C unless otherwise noted.
Output Voltage
−5V
−12V
−15V
Input Voltage (unless otherwise noted)
−10V
−17V
−20V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
V
O
Output
Voltage
T
J = 25˚C, IO = 100mA
−5.2
−5
−4.8
−12.5
−12
−11.5
−15.6
−15
−14.4
1mA
≤ I
O
≤ 100mA
−5.25
−4.75
−12.6
−11.4
−15.75
−14.25
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.5)
(−27
≤ V
IN
≤ −14.8)
(−30
≤ V
IN
≤ −18)
V
1mA
≤ I
O
≤ 40mA
−5.25
−4.75
−12.6
−11.4
−15.75
−14.25
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7)
(−27
≤ V
IN
≤ −14.5)
(−30
≤ V
IN
≤ −17.5)
∆V
O
Line
Regulation
T
J = 25˚C, IO = 100mA
60
45
45
mV
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.3)
(−27
≤ V
IN
≤ −14.6)
(−30
≤ V
IN
≤ −17.7)
V
T
J = 25˚C, IO = 40mA
60
45
45
mV
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7)
(−27
≤ V
IN
≤ −14.5)
(−30
≤ V
IN
≤ −17.5)
V
∆V
O
Load
Regulation
T
J = 25˚C
50
100
125
mV
1mA
≤ I
O
≤ 100mA
∆V
O
Long Term
Stability
I
O = 100mA
20
48
60
mV/khrs
I
Q
Quiescent
Current
I
O = 100mA
2
6
2
6
2
6
mA
∆I
Q
Quiescent
Current
1mA
≤ I
O
≤ 100mA
0.3
0.3
0.3
Change
1mA
≤ I
O
≤ 40mA
0.1
0.1
0.1
mA
I
O = 100mA
0.25
0.25
0.25
mA
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.5)
(−27
≤ V
IN
≤ −14.8)
(−30
≤ V
IN
≤ −18)
V
V
n
Output Noise
Voltage
T
J = 25˚C, IO = 100mA
40
96
120
µV
f = 10Hz − 10kHz
Ripple
Rejection
T
J = 25˚C, IO = 100mA
50
52
50
dB
f = 120Hz
Input Voltage T
J = 25˚C, IO = 100mA
−7.3
−14.6
−17.7
V
Required to
I
O = 40mA
−7.0
−14.5
−17.5
V
Maintain Line
Regulation
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Thermal resistance of Z package is 60˚C/W
θJC, 232˚C/W θJA at still air, and 88˚C/W at 400 ft/min of air. The M package θJA is 180˚C/W in still air. The
maximum junction temperature shall not exceed 125˚C on electrical parameters.
Note 3: To ensure constant junction temperature, low duty cycle pulse testing is used.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com