Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS19W Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # BAS19W
Description  BAS19W-BAS21W SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAS19W Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  BAS19W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0588, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
BAS19W-BAS21W
BAS19W-BAS21W SURFACE MOUNT
FAST SWITCHING DIODE
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Characteristic
Symbol
BAS19W
BAS20W
BAS21W
Units
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
V
RMS Reverse Voltage(Note 1)
VR(RMS)
70
105
140
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectified Output Current(Note 1)
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@t=1us
IFSM
2.5
A
Power Dissipation
PD
200
mW
Thermal Resistance, Junction to Ambient(Note 1)
RθJA
625
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
High Conductance
Fast Switching
Surface Mount Package Ideally Suited for Automatic
Insertion
For General Purpose and Switching
Plastic Material –UL Recognition Flammability
Classification 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-323
Case: SOT-323, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Weight: 0.006g
Mounting Position: Any


Similar Part No. - BAS19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19W PANJIT-BAS19W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19W WTE-BAS19W Datasheet
45Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS19W COMCHIP-BAS19W Datasheet
79Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - BAS19W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com