Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAT54
Description  BAT54/A/C/S SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAT54 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAT54 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Automotive Qualified
Data Sheet N0123, Rev. E
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAT54(A)(C)(S)
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop(per leg)*
VF1
@ 0.1mA, Pulse, TJ = 25 C
@ 1mA, Pulse, TJ = 25 C
@ 10mA, Pulse, TJ = 25 C
@ 30mA, Pulse, TJ = 25 C
@ 100mA, Pulse, TJ = 25 C
0.21
0.29
0.35
0.40
0.50
0.24
0.32
0.40
0.50
1.0
V
Reverse Current(per leg)*
IR1
@VR = 25V, Pulse, TJ = 25 C
0.3
2.0
μA
IR2
@VR = 25V, Pulse,TJ = 100C
102
200
μA
Junction Capacitance(per leg)
CT
@VR = 1 V, Tc=25℃
fSIG = 1MHz
6
10
pF
Reverse Recovery Time
trr
IF=10mA IR = 10mA
TJ = 25 C Irr =1 mA RL=100Ω
-
5
ns
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
125
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Ambient
RJA
DC operation
500
C/W
Electrical Characteristics @TA=25°C unless otherwise specified
Thermal-Mechanical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com