Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB151S Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # DB151S
Description  DB151S THRU DB157S SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

DB151S Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  DB151S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1476, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
DB151S THRU DB157S
DB151S THRU DB157S SINGLE-PHASE
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
Single Phase half wave 60Hz, resistive or inductive load. For capacitive load current derate by 20%.
Characteristic
Symbol
DB
151S
DB
152S
DB
153S
DB
154S
DB
155S
DB
156S
DB
157S Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Forward Output Current
(Note 1) @ TC =100°C
IF(AV)
1.5
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load (JEDEC
Method)
IFSM
55
A
I2t Rating for Fusing (t < 8.3ms)
I2t
12.6
A2s
Features
Circuit Diagram
Mechanical Data
Maximum Ratings @TA=25°C unless otherwise specified
Case: DB-S, molded plastic
Terminals: plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting position: Any
Lead Free: For RoHS / Lead Free Version,
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
DB-S


Similar Part No. - DB151S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB151S DCCOM-DB151S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB151S FORMOSA-DB151S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB151S BILIN-DB151S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
31Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DB151S

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RS401L SEMTECH_ELEC-RS401L Datasheet
240Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
KBL4005 SEMTECH_ELEC-KBL4005 Datasheet
241Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
RS401M SEMTECH_ELEC-RS401M Datasheet
241Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
PBP10-005G FRONTIER-PBP10-005G Datasheet
120Kb / 2P
10A SILICON SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
DB101S SMC-DB101S Datasheet
151Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SMC Diode Solutions Co....
DB101S SMCDIODE-DB101S Datasheet
375Kb / 5P
DB101S THRU DB107S SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
Rev. B
DB201S SMCDIODE-DB201S Datasheet
376Kb / 5P
DB201S THRU DB207S SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com