Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR400UN Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PMR400UN
Description  N-channel TrenchMOS ultra low level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMR400UN Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PMR400UN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PMR400UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 2 February 2012
2 of 13
NXP Semiconductors
PMR400UN
N-channel TrenchMOS ultra low level FET
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMR400UN
SC-75
plastic surface-mounted package; 3 leads
SOT416
Table 4.
Marking codes
Type number
Marking code
PMR400UN
R7
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
30
V
VDGR
drain-gate voltage
Tj ≥ 25 °C; Tj ≤ 150 °C; RGS =20kΩ
-30
V
VGS
gate-source voltage
-8
8
V
ID
drain current
Tsp =25 °C; VGS = 4.5 V
-
0.8
A
Tsp = 100 °C; VGS = 4.5 V
-
0.51
A
IDM
peak drain current
Tsp = 25 °C; pulsed; tp ≤ 10 µs
-
1.61
A
Ptot
total power dissipation
Tsp = 25 °C
-
0.53
W
Tstg
storage temperature
-55
150
°C
Tj
junction temperature
-55
150
°C
Source-drain diode
IS
source current
Tsp = 25 °C
-
0.44
A
ISM
peak source current
Tsp = 25 °C; pulsed; tp ≤ 10 µs
-
0.88
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com