Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV213SN Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMV213SN
Description  N-channel TrenchMOS standard level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMV213SN Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMV213SN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMV213SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
PMV213SN
N-channel TrenchMOS standard level FET
aaa-032679
10-1
10-2
1
10
ID
(A)
10-3
VDS (V)
1
103
102
10
Limit RDSon = VDS/ID
DC
tp = 10 µs
100 µs
1 ms
10 ms
100 ms
Tsp = 25 °C; IDM is single pulse; VGS = 10 V
Fig. 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
PMV213SN
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
23 November 2020
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com