Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV65XP Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMV65XP
Description  20 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMV65XP Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMV65XP Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMV65XP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMV65XP
20 V, single P-channel Trench MOSFET
PMV65XP
All information provided in this document is subject to legal disclaimers.
Product data sheet
12 February 2013
2 / 14
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
1
2
3
TO-236AB (SOT23)
S
D
G
017aaa257
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMV65XP
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
7. Marking
Table 4.
Marking codes
Type number
Marking code
[1]
PMV65XP
%M9
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-12
12
V
VGS = -4.5 V; Tsp = 25 °C
-
-4.3
A
VGS = -4.5 V; Tamb = 25 °C
[1]
-
-2.8
A
ID
drain current
VGS = -4.5 V; Tamb = 100 °C
[1]
-
-1.8
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-16
A
[2]
-
480
mW
Tamb = 25 °C
[1]
-
833
mW
Ptot
total power dissipation
Tsp = 25 °C
-
4165
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com