Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5865 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5865
Description  Transistors High voltage discharge, High speed switching, Low Noise (60V, 1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5865 Datasheet(HTML) 1 Page - Rohm

  2SC5865 Datasheet HTML 1Page - Rohm 2SC5865 Datasheet HTML 2Page - Rohm 2SC5865 Datasheet HTML 3Page - Rohm 2SC5865 Datasheet HTML 4Page - Rohm 2SC5865 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5865
Transistors
1/4
High voltage discharge, High speed switching,
Low Noise (60V, 1A)
2SC5865
Features
1) High speed switching. ( Tf : Typ. : 50ns at IC=1.0A)
2) Low saturation voltage, typically.
(Typ. : 200mV at IC=500mA, IB=50mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Low Noise.
5) Complements the 2SA2092.
Applications
High speed switching, Low noise
Dimensions (Unit : mm)
Each lead has same dimensions
Abbreviated symbol : VU
TSMT3
(1) Base
(2) Emitter
(3) Collector
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Structure
NPN silicon epitaxial planar transistor
Packaging specifications
Taping
2SC5865
Type
TL
3000
Package
Basic ordering unit (pieces)
Code
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
V
A
mW
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land
∗2
∗1
°C
A
°C
VCBO
VCEO
IC
PC
Tj
VEBO
ICP
Tstg
Symbol
60
60
6
1.0
2.0
500
150
−55 to +150
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature


Similar Part No. - 2SC5865

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5865 ROHM-2SC5865 Datasheet
937Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865TLR ROHM-2SC5865TLR Datasheet
308Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865 ROHM-2SC5865_11 Datasheet
937Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
More results

Similar Description - 2SC5865

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC3168 SHINDENGEN-2SC3168 Datasheet
190Kb / 1P
High Voltage Ultra High Speed Switching Transistors
logo
Rohm
2SA2073 ROHM-2SA2073 Datasheet
70Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SA2072 ROHM-2SA2072 Datasheet
71Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
logo
Toshiba Semiconductor
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Rohm
2SA2072 ROHM-2SA2072_09 Datasheet
135Kb / 4P
High voltage discharge, High speed switching, Low Noise (-60V, −3A)
2SA2073 ROHM-2SA2073_11 Datasheet
185Kb / 4P
High voltage discharge, High speed switching,Low Noise (-60V, -3A)
2SC5865 ROHM-2SC5865_11 Datasheet
937Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865TLR ROHM-2SC5865TLR Datasheet
308Kb / 4P
High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SA2092 ROHM-2SA2092_11 Datasheet
309Kb / 4P
-1A /-60V Bipolar transistor Low switching noise.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com