Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7050 Datasheet(PDF) 4 Page - ams AG

Part # AS7050
Description  Analog Frontend for Vital Sign Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7050 Datasheet(HTML) 4 Page - ams AG

  AS7050 Datasheet HTML 1Page - ams AG AS7050 Datasheet HTML 2Page - ams AG AS7050 Datasheet HTML 3Page - ams AG AS7050 Datasheet HTML 4Page - ams AG AS7050 Datasheet HTML 5Page - ams AG AS7050 Datasheet HTML 6Page - ams AG AS7050 Datasheet HTML 7Page - ams AG AS7050 Datasheet HTML 8Page - ams AG AS7050 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Document Feedback
AS7050
General Description
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 4
1.1
Key Benefits & Features
The benefits and features of AS7050, Analog Frontend for Vital Sign Monitoring are listed below:
Figure 1:
Added Value of Using AS7050
Benefits
Features
High flexible LED/photodiode configuration.
Up to 8 LED drivers and 6 photodiode input pins.
Allows smallest application size e.g. narrow
HRM measurement band.
Small Wafer-Level-Chip-Scale-Package
(WLCSP).
Electrocardiogram ECG with dry electrodes.
Embedded low noise analog front-end for ECG
signals acquisition.
Enables blood pressure measurements.
Synchronized PPG and ECG acquisition.
Good HRM measurement quality.
Low noise analog front-end for PPG acquisition
Additional information for end user.
Analog electrical front-end (e.g. for temperature
sensing using a NTC or galvanic skin resistivity
(GSR)).
Long operating time.
Hardware sequencer to offload processor.
Adjustable LED driver with current control.
Ready for blood oxygen measurement
2 PPG channels useable in simultaneous mode
available
Acquiring several bio signals in parallel
ECG and PPG channels separated and
simultaneous useable
1.2
Applications
●
Optical sensor platform
●
Fitness band
●
Smart watch
●
Smart patches
●
Heart rate monitor
●
Hearables
●
ECG monitoring
●
Cuff-less blood pressure measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com