Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7343 Datasheet(PDF) 16 Page - ams AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Datasheet(HTML) 16 Page - ams AG

Back Button AS7343 Datasheet HTML 12Page - ams AG AS7343 Datasheet HTML 13Page - ams AG AS7343 Datasheet HTML 14Page - ams AG AS7343 Datasheet HTML 15Page - ams AG AS7343 Datasheet HTML 16Page - ams AG AS7343 Datasheet HTML 17Page - ams AG AS7343 Datasheet HTML 18Page - ams AG AS7343 Datasheet HTML 19Page - ams AG AS7343 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Document Feedback
AS7343
Functional Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 16
8.1
Device Architecture
The device features six independent 16-bit ADCs. Gain and integration time of the six ADCs can be
adjusted with the I²C interface. A wait time can be programed to automatically set a delay between two
consecutive spectral measurements and to reduce overall power consumption. Once a measurement
is started, the device is automatically processing the channels and storing the measurement data on
chip.
Figure 13:
Simplified Block Diagram
CH0 ADC
CH1 ADC
CH2 ADC
CH3 ADC
CH4 ADC
CH5 ADC
Data 1
Data 2
Data 3
.
.
Data 18
6 x 16bit
ADC
GPIO
VDD
I2C
Interface
SCL
SDA
interrupt
handling
INT
GND
OTP
RC-
osc
5x5 PD array
on chip IF Filter
LDR
PGND
automatic
measurement engine
SYNC input
18 x 16bit
DATA
Register
256 byte
FIFO
LED
Driver
Flicker PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com