Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP14A Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST12LP14A
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14A Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST12LP14A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A
©2005 SST Communications Corp.
S71300-02-000
3/06
2
FUNCTIONAL BLOCKS
FIGURE 1: Functional Block Diagram
2
56
8
16
15
1
14
49
11
12
10
13
VCC2
RFOUT
RFOUT
Det
NC
3
RFIN
RFIN
NC
Bias Circuit
7
1300 B1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com