Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9116ASBA Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9116ASBA
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116ASBA Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9116ASBA Datasheet HTML 1Page - Micro Analog systems MAS9116ASBA Datasheet HTML 2Page - Micro Analog systems MAS9116ASBA Datasheet HTML 3Page - Micro Analog systems MAS9116ASBA Datasheet HTML 4Page - Micro Analog systems MAS9116ASBA Datasheet HTML 5Page - Micro Analog systems MAS9116ASBA Datasheet HTML 6Page - Micro Analog systems MAS9116ASBA Datasheet HTML 7Page - Micro Analog systems MAS9116ASBA Datasheet HTML 8Page - Micro Analog systems MAS9116ASBA Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 (17)
DA9116.005
22 November, 2005
MAS9116
Stereo Digital Volume Control
• Signal Voltage up to ±
±
±
± 18V
• Two Independent Channels
• Use of Differential DACs Possible
• Serial Control Registers
DESCRIPTION
MAS9116 is a stereo volume control for audio
systems, which require high output voltages (AC3).
It has a 16-bit serial interface, which controls two
audio channels. Simple serial interface allows
microcontroller to control many MAS9116 chips on
the same PCB board. “Clicking” between gain
changes is eliminated by changing gain only when
zero crossing has been detected from the signal.
The use of external operational amplifier provides
flexibility for the operating voltage, signal swing,
noise floor and cost optimization.
FEATURES
APPLICATION
•
Zero Detection for Gain Changes
•
Gain Range +15.5db…-111.5dB
•
0.5 dB Step Size
•
Mute Pin and Register
•
Power On/Off Transient Suppression
•
Signal Peak Level Comparator with Adjustable
Reference
•
High End Audio Systems
•
Multichannel Audio Systems
BLOCK DIAGRAM
CONTROL
R1
R2
R3
R1
R2
R3
ZERO
CROSSING
LFO
RFO
AGND
AVCC
VIN
VIN
VOUT
VOUT
ZERO
CROSSING
XCS
XMUTE
PEAK
DETECTOR
DAC
8
PEAK
DETECTOR
DATA
LMO
RMO
CCLK
DVCC
DGND
LIN
RIN
RGND
LGND
MAS9116


Similar Part No. - MAS9116ASBA

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9118 MAS-MAS9118 Datasheet
56Kb / 4P
Evaluation Kit
More results

Similar Description - MAS9116ASBA

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com