Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRTR5V0U2AX Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PRTR5V0U2AX
Description  Ultra low capacitance double rail-to-rail ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRTR5V0U2AX Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PRTR5V0U2AX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRTR5V0U2AX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRTR5V0U2AX
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 4 — 18 April 2017
Product data sheet
1 Product profile
1.1 General description
Ultra low capacitance double rail-to-rail ElectroStatic Discharge (ESD) protection diode in
a small SOT143B Surface-Mounted Device (SMD) plastic package.
The device is designed to protect two high-speed data lines or high-frequency signal
lines from the damage caused by ESD and other transients.
PRTR5V0U2AX integrates two ultra low capacitance rail-to-rail diodes and one additional
ESD protection diode to ensure signal line protection even if no supply voltage is
available.
1.2 Features and benefits
• ESD protection of two high-speed data lines or high-frequency signal lines
• Ultra low input/output to ground capacitance: C(I/O-GND) = 1.8 pF
• ESD protection up to 12 kV
• IEC 61000-4-2, level 4 (ESD)
• Very low clamping voltage due to an integrated additional ESD protection diode
• Very low reverse current
• AEC-Q101 qualified
• Small SMD plastic package
1.3 Applications
• USB 2.0 ports
• Digital cameras
• Digital Video Interface (DVI)
• WAN/LAN systems
• High-Definition Multimedia
Interface (HDMI)
• PC, notebooks, printers and other PC
peripherals
• Mobile phones


Similar Part No. - PRTR5V0U2AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2AX NXP-PRTR5V0U2AX Datasheet
176Kb / 10P
Ultra low capacitance double rail-to-rail ESD protection diode in a SOT143B package
Rev. 02-21 December 2006
logo
TECH PUBLIC Electronics...
PRTR5V0U2AX TECHPUBLIC-PRTR5V0U2AX Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
logo
Nexperia B.V. All right...
PRTR5V0U2AX-Q NEXPERIA-PRTR5V0U2AX-Q Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
3 May 2022
More results

Similar Description - PRTR5V0U2AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
Nexperia B.V. All right...
PESD2ETH-X NEXPERIA-PESD2ETH-X Datasheet
688Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
PESD2ETH-AX NEXPERIA-PESD2ETH-AX Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
PESD2ETHAD-Q NEXPERIA-PESD2ETHAD-Q Datasheet
257Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
23 November 2022
PESD2ETHX-Q NEXPERIA-PESD2ETHX-Q Datasheet
249Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
3 May 2022
PRTR5V0U2AX-Q NEXPERIA-PRTR5V0U2AX-Q Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
3 May 2022
PESD2ETHAX-Q NEXPERIA-PESD2ETHAX-Q Datasheet
251Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
29 April 2021
PESD2ETH-AD NEXPERIA-PESD2ETH-AD Datasheet
240Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
14 December 2017
PESD2ETHD-Q NEXPERIA-PESD2ETHD-Q Datasheet
257Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
24 May 2023
PRTR5V0U2X NEXPERIA-PRTR5V0U2X Datasheet
230Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com