Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62T30B Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST62T30B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T30B Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST62T30B_03 Datasheet HTML 51Page - STMicroelectronics ST62T30B_03 Datasheet HTML 52Page - STMicroelectronics ST62T30B_03 Datasheet HTML 53Page - STMicroelectronics ST62T30B_03 Datasheet HTML 54Page - STMicroelectronics ST62T30B_03 Datasheet HTML 55Page - STMicroelectronics ST62T30B_03 Datasheet HTML 56Page - STMicroelectronics ST62T30B_03 Datasheet HTML 57Page - STMicroelectronics ST62T30B_03 Datasheet HTML 58Page - STMicroelectronics ST62T30B_03 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
55/84
ST62T30B ST62E30B
CONTROL REGISTERS (Cont’d)
Status Control Register 3 (SCR3)
Address: E2h - Read/Write/Clear only
Bit 7 = CP2POL.
CP2 Edge Polarity Select.
CP2POL defines the polarity for triggering the CP2
event.
A 0 defines the action on a falling edge on the CP2
input, a 1 on a rising edge.
Bit 6 = CP2IEN.
CP2 Interrupt Enable. The Cap-
ture 2 Interrupt is masked when this bit is 0. Set-
ting the bit to 1 enables the CP2 event flag
CP2FLG to set the ARTIMER interrupt.
Bit 5 = CP2FLG.
CP2 Interrupt Flag. When this bit
is 0, no CP2 event has occurred since the last
clear of this flag. If the bit is at 1, the first CP2
event and capture into CP has occurred.
This bit cannot be set by program, only cleared.
Bit 4 = CMPIEN.
Compare Int. Enable. The Com-
pare Interrupt is masked when this bit is 0.
Setting the bit to 1 enables the Compare flag
CMPFLG to set the ARTIMER interrupt.
Bit 3 = CMPFLG.
Compare Flag. When this bit is
0, no Masked-Compare True event has occurred
since the last clear of this flag. If the bit is at 1, a
Masked-Compare event has occurred.
This bit cannot be set by program, only cleared.
Bit 2 = ZEROIEN.
Compare to Zero Int Enable.
The Masked-Counter Zero Interrupt is masked
when this bit is 0. Setting the bit to 1 enables the
ZEROFLG flag to set the ARTIMER interrupt.
Bit 1 = ZEROFLG.
Compare to Zero Flag. When
this bit is 0, no Masked-Counter Zero event has
occurred since the last clear of this flag. If the bit is
at 1, a Masked-Counter Zero event has occurred
as the Masked Counter state equals 0 when run-
ning or on hold (not on Reset).
Bit 0 = PWMMD.
PWM Output Mode Control. The
PWM Output mode is set by this bit; when 0, the
PWM output is run in set/reset mode (the PWM
output is set on a Masked-Counter Zero event and
is reset when on a Masked-Compare event).
When 1 the PWM output is in toggle mode; PWM
toggles its state on every Masked-Compare event.
Notes:
A Masked-Compare is the logical AND of the Mask
Register MASK with the Counter Register CT,
compared with the logical AND of the compare
Register CMP: [(MASK & CT) = (MASK&CMP)].
A Masked-Counter Zero is the logical AND of the
Mask Register MASK with the Counter Register
CT, compared with zero: [(MASK & CT) = 0000h]
70
CP2PO
L
CP2IE
N
CP2FL
G
CMPI-
EN
CMFLG
ZEROI-
EN
ZE-
ROFLG
PWM-
MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com