Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD166010 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD166010
Description  MOS INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166010 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD166010 Datasheet HTML 9Page - Renesas Technology Corp UPD166010 Datasheet HTML 10Page - Renesas Technology Corp UPD166010 Datasheet HTML 11Page - Renesas Technology Corp UPD166010 Datasheet HTML 12Page - Renesas Technology Corp UPD166010 Datasheet HTML 13Page - Renesas Technology Corp UPD166010 Datasheet HTML 14Page - Renesas Technology Corp UPD166010 Datasheet HTML 15Page - Renesas Technology Corp UPD166010 Datasheet HTML 16Page - Renesas Technology Corp UPD166010 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet S19689EJ2V0DS
11
μPD166010
Case 2: Short circuit during on-condition
The device shuts down automatically when either or both of following conditions (a) is detected.
The sense current is fixed at IIS,fault. Shutdown is latched until the next reset via input.
(a) Von > Von(OvL) after td(oc)
Case2-(a) Von > Von(OvL) after td(OC)
(Evaluation circuit)
RL
VCC
IN
OUT
IS
RIS IL
IIS
IIN
VOUT
VIS
Von
VBAT
VIN
: Cable impedance
td(oc): Turn-on check delay after input current positive slope
tsdelay(fault): Fault sense signal delay after short circuit detection
IL(SC): Short circuit detection current
Depending on the external impedance
Short circuit detection
IIN
VOUT/VCC
IL
VBAT
0
0
0
t
IIS
IIS,fault
0
IL(SC)
tsdelay(fault)
VOUT
VCC
Von(OvL) (1 V typ.)
td(oc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com