Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62T30BB6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST62T30BB6
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T30BB6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST62T30BB6 Datasheet HTML 45Page - STMicroelectronics ST62T30BB6 Datasheet HTML 46Page - STMicroelectronics ST62T30BB6 Datasheet HTML 47Page - STMicroelectronics ST62T30BB6 Datasheet HTML 48Page - STMicroelectronics ST62T30BB6 Datasheet HTML 49Page - STMicroelectronics ST62T30BB6 Datasheet HTML 50Page - STMicroelectronics ST62T30BB6 Datasheet HTML 51Page - STMicroelectronics ST62T30BB6 Datasheet HTML 52Page - STMicroelectronics ST62T30BB6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
49/84
ST62T30B ST62E30B
CENTRAL COUNTER (Cont’d)
4.3.1.3 Capture functions
Content of the counter CT can always be down-
loaded (captured) into the CP register at selecta-
ble event occurrence on pins CP1 and CP2, while
capture in RLCP is possible only when the bit
RELOAD is cleared.
Capture functions with RELOAD cleared are used
for period or pulse width measurements with input
CP2, or for phase measurements between two
signals on CP1 and CP2, with the counter in free
running mode. In these modes, counter values by
the two events occurence are stored into RLCP
and CP and the counter remains in free running
mode.
Capture functions with RELOAD set, are used for
same application purpose, but in that case, the
first event reloads the counter from RLCP while
the second event captures the counter content
into the CP register. Therefore, the counter is not
in free running mode for other functions since the
down counting start is initiated by either CP1, CP2
or RUNRES event according to RLDSEL1 and
RLDSEL2 bit.
4.3.2 SIGNAL GENERATION MODES
4.3.2.1 Output modes
Any
positive
comparison
to
0000h
or
MASK&CMP, and any overflow occurence can be
used to control the OVF or PWM output pins in
various modes defined by bits OVFMD, PWMPOL,
PWMEN and PWMMD.
PWM pin output modes
OVF pin output modes
* The OVF pin is reset by clearing the flag OVF-
FLG.
4.3.2.2 Frequency and duty cycles on PWM
pins
In Set/Reset mode (PWMMD=0), the period on the
PWM pin is the time between two matched
masked comparison to 0000h, at which PWM pin
is set (PWMPOL=1) or reset (PWMPOL=0). As
long as no reload function from RLCP is performed
(RELOAD bit cleared) and no mask is used, this
value is 216 x Psc x Tclk. If, on the contrary, reload
function or a mask are used, the frequency is con-
trolled through the RLCP and MASK values (Fig-
ure 28). The condition to reset (PWMPOL=1) or
set back (PWMPOL=0) PWM pin is a matched
masked comparison to CMP. Given a RLCP and
MASK values within the Table 17, CMP defines
the duty cycle.
In Toggle mode (PWMMD=1), PWM pin changes
of state at each positive masked comparison to
CMP value. The frequency is half the frequency in
Set/Reset mode and the duty-cycle is always 50%.
Note : In PWM mode, the value of CMP register
should not be equal to zero.
4.3.2.3 Frequency and duty cycles on OVF pin
OVF pin activation is directed by the timer overflow
occurence and therefore its frequency depends
only of the downcounting time from the reload val-
ue to 0000h. This means its period is equal to T=
(RLCP+1) x Psc x Tclk in Set/Reset mode and 2 x
(RLCP+1) x Psc x Tclk in Toggle mode.
Duty cycle is controlled in Set/Reset mode
(OVFMD cleared) by software, since OVF pin can
be reset only by clearing the OVFFLG bit. In toggle
mode (OVFMD set), the duty cycle is always 50%.
Table 18. Achievable periods on PWM pin
Note: n is the position of the most significant bit of MASK value.
MASK & CNT
= 0000h
x
x
no
yes
no
yes
X
MASK&CT=
MASK&CMP
x
x
yes
no
yes
no
yes
PWMEN
0
0
1
1
1
1
1
PWMMD
X
X
0
0
0
0
1
PWMPOL
0
1
0
0
1
1
X
PWM pin
0
1
Reset Set Set Reset Toggle
Zero overflow (OVFFLG)
1
1
OVFMD
0
1
OVF pin
Set*
Toggle
Mask value
FFFFh
xxxxh
Period in Set/Reset mode (PWMMD=0)
(RLCP+1) x Psc x Tclk
2
(n+1) x Psc x Tclk
Period in Toggle mode (PWMMD=1)
2 x (RLCP+1) x Psc x Tclk
2 x 2 (n+1) x Psc x Tclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com