| Electronic Components Datasheet Search |
|
ST62T30BM3 Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T30BM3 Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 84 page ![]() 77/84 ST62T30B ST62E30B 7 GENERAL INFORMATION 7.1 PACKAGE MECHANICAL DATA Figure 40. 28-Pin Plastic Dual In-Line Package, 600-mil Width Figure 41. 28-Pin Plastic Small Outline Package, 300-mil Width Dim. mm inches Min Typ Max Min Typ Max A 6.35 0.250 A1 0.38 0.015 A2 3.18 4.95 0.125 0.195 B 0.36 0.56 0.014 0.022 B1 0.76 1.78 0.030 0.070 C 0.20 0.38 0.008 0.015 D 35.05 39.75 1.380 1.565 D1 0.13 0.005 e 2.54 0.100 eB 17.78 0.700 E 15.24 15.88 0.600 0.625 E1 12.32 14.73 0.485 0.580 L 2.92 5.08 0.115 0.200 Number of Pins N 28 E E1 eB C L A A2 A1 B B1 D D1 e Dim. mm inches Min Typ Max Min Typ Max A 2.35 2.65 0.093 0.104 A1 0.10 0.30 0.004 0.012 B 0.33 0.51 0.013 0.020 C 0.23 0.32 0.009 0.013 D 17.70 18.10 0.697 0.713 E 7.40 7.60 0.291 0.299 e 1.27 0.050 H 10.00 10.65 0.394 0.419 h 0.25 0.75 0.010 0.030 α 0° 8° 0° 8° L 0.40 1.27 0.016 0.050 Number of Pins N 28 h x 45× C L a A A1 e B D H E L |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |