Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA637AP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA637AP
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA637AP Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA637AP Datasheet HTML 8Page - Texas Instruments OPA637AP Datasheet HTML 9Page - Texas Instruments OPA637AP Datasheet HTML 10Page - Texas Instruments OPA637AP Datasheet HTML 11Page - Texas Instruments OPA637AP Datasheet HTML 12Page - Texas Instruments OPA637AP Datasheet HTML 13Page - Texas Instruments OPA637AP Datasheet HTML 14Page - Texas Instruments OPA637AP Datasheet HTML 15Page - Texas Instruments OPA637AP Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
®
OPA627, 637
OPA627
OPA637
RI, R1
2k
Ω
500
Ω
CF
6pF
4pF
Error Band
±0.5mV
±0.2mV
(0.01%)
NOTE: CF is selected for best settling time performance
depending on test fixture layout. Once optimum value is
determined, a fixed capacitor may be used.
FIGURE 12. High Speed Instrumentation Amplifier, Gain = 100.
–In
+In
+
–
OPA637
Differential Voltage Gain = 1 + 2R
F /RG
2
3
–
+
–
+
INA105
Differential
Amplifier
1
6
5
Output
Gain = 100
CMRR
116dB
Bandwidth
1MHz
OPA637
25k
Ω
25k
Ω
25k
Ω
25k
Ω
Input Common-Mode
Range = ±5V
≈
≈
3pF
R
F
5k
Ω
R
F
5k
Ω
R
G
101
Ω
–
+
±5V
Out
+15V
2k
Ω
C
F
2k
Ω
Error Out
R
I
R
I
51
Ω
–15V
HP-
5082-
2835
High Quality
Pulse Generator
/
FIGURE 11. Settling Time and Slew Rate Test Circuit.
FIGURE 14. Composite Amplifier for Wide Bandwidth.
This composite amplifier uses the OPA603 current-feedback op amp to
provide extended bandwidth and slew rate at high closed-loop gain. The
feedback loop is closed around the composite amp, preserving the
precision input characteristics of the OPA627/637. Use separate power
supply bypass capacitors for each op amp.
GAIN
A1
R1
R2
R3
R4
–3dB
SLEW RATE
(V/V)
OP AMP
(
Ω)(kΩ)(Ω)(kΩ) (MHz)
(V/
µs)
100
OPA627
50.5(1)
4.99
20
1
15
700
1000
OPA637
49.9
4.99
12
1
11
500
NOTE: (1) Closest 1/2% value.
*Minimize capacitance at this node.
FIGURE 13. High Speed Instrumentation Amplifier, Gain = 1000.
+
–
OPA603
–
+
A
1
R
3
R
1
R
4
R
2
V
I
V
O
*
R
L ≥ 150Ω
for ±10V Out
–In
+In
+
–
OPA637
Differential Voltage Gain = (1 + 2R
F /RG) • 10
2
3
–
+
–
+
INA106
Differential
Amplifier
1
6
5
Output
Gain = 1000
CMRR
116dB
Bandwidth
400kHz
OPA637
10k
Ω
10k
Ω
100k
Ω
100k
Ω
Input Common-Mode
Range = ±10V
≈
≈
3pF
R
F
5k
Ω
R
F
5k
Ω
R
G
101
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com