Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP181 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP181
Description  GaAs Ired and Photo−Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP181 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP181_02 Datasheet HTML 1Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 2Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 3Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 4Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 5Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 6Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 7Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 8Page - Toshiba Semiconductor TLP181_02 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP181
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP181
Office Machine
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA mini flat coupler TLP181 is a small outline coupler,
suitable for surface mount assembly.
TLP181 consist of a photo transistor optically coupled to a gallium
arsenide infrared emitting diode.
· Collector−emitter voltage: 80V (min.)
· Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
· Isolation voltage: 3750Vrms (min.)
· UL recognized: UL1577,
file no. E67349
· Option (V4) type
VDE approved: VDE0884 satisfied
Maximum operating insulation voltage: 565VPK
Highest permissible over voltage: 6000VPK
Pin Configuration (top view)
6
1: Anode
3: Cathode
4: Emitter
6: Collector
4
1
3
Unit in mm
TOSHIBA
11−4C1
Weight: 0.09 g


Similar Part No. - TLP181_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
More results

Similar Description - TLP181_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com