Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5000 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5000
Description  Digital Audio Pwm Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5000 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5000_06 Datasheet HTML 1Page - Texas Instruments TAS5000_06 Datasheet HTML 2Page - Texas Instruments TAS5000_06 Datasheet HTML 3Page - Texas Instruments TAS5000_06 Datasheet HTML 4Page - Texas Instruments TAS5000_06 Datasheet HTML 5Page - Texas Instruments TAS5000_06 Datasheet HTML 6Page - Texas Instruments TAS5000_06 Datasheet HTML 7Page - Texas Instruments TAS5000_06 Datasheet HTML 8Page - Texas Instruments TAS5000_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
1–1
1 Introduction
The TAS5000 is an innovative, cost-effective, high-performance 24-bit stereo digital modulator based on Equibit
technology. This product converts input PCM serial digital audio data to an output PWM audio data stream. The
TAS5000 is designed to be connected to two TAS5100 mono true digital amplifiers for driving loudspeakers. This
all-digital audio system contains only two analog components in the signal chain—an L-C low-pass filter at the
speaker terminals. It can provide up to 90 dB SNR at the speaker terminals. It has a wide variety of serial input options
including right justified (16, 20, or 24-bit), IIS (16, 20, or 24-bit), left justified (16-bit), or DSP (16-bit) data formats. It
is fully compatible with AES standard sampling rates of 44.1 kHz, 48 kHz, 88.2 kHz, and 96 kHz including providing
de-emphasis for 44.1 kHz, and 48 kHz sample rates. The TAS5000 and TAS5100 system can be used in a range of
products such as microcomponent systems, PC speakers, home theater in a box, convergence products, A/V
receivers, or TV sets.
1.1
Features
•
True Digital Audio Amplifier
•
High Quality Audio
•
16-, 20-, or 24 Bit Input Data
•
Sampling Rates: 44.1 kHz, 48 kHz, 88.2 kHz, and 96 kHz
•
Supports Master and Slave Modes
•
90 dB SNR (EIAJ) and Dynamic Range at the Speaker Terminals
•
3.3 V Power Supply Operation
•
Economical 48-Pin TQFP Package
•
Digital De-Emphasis: 44.1 kHz and 48 kHz
•
High Power Efficiency
•
Clock Oscillator Circuit for Master Modes
•
Low Jitter Internal PLL
•
Mute
•
Good Phase Characteristics
•
Excellent PSRR
Equibit is the trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com