Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5000PFB Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5000PFB
Description  Digital Audio Pwm Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5000PFB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5000PFB Datasheet HTML 6Page - Texas Instruments TAS5000PFB Datasheet HTML 7Page - Texas Instruments TAS5000PFB Datasheet HTML 8Page - Texas Instruments TAS5000PFB Datasheet HTML 9Page - Texas Instruments TAS5000PFB Datasheet HTML 10Page - Texas Instruments TAS5000PFB Datasheet HTML 11Page - Texas Instruments TAS5000PFB Datasheet HTML 12Page - Texas Instruments TAS5000PFB Datasheet HTML 13Page - Texas Instruments TAS5000PFB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
1–6
1.6
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD1
48
I
Analog supply for oscillator
AVDD2
2
I
Analog supply for PLL
AVSS1
44
I
Analog ground for oscillator
AVSS2
5
I
Analog ground for PLL
DBSPD
39
I
Indicates sample rate is double speed (88.2 kHz or 96 kHz), active high
DEM_EN
43
I
De-emphasis enable, active high
DEM_SEL
42
I
De-emphasis select (0 = 44.1 kHz, 1 = 48 kHz)
DVDD1
12, 14
I
Digital voltage supply for logic
DVDD2
31
I
Digital voltage supply for PWM reclocking
DVDD3_L
36
I
Digital voltage supply for PWM output (left)
DVDD3_R
25
I
Digital voltage supply for PWM output (right)
DVSS1
13, 15
I
Digital ground for Logic
DVSS2
30
I
Digital ground for PWM reclocking
DVSS3_L
37
I
Digital ground for PWM output (left)
DVSS3_R
24
I
Digital ground for PWM output (right)
ERR
23
O
System error flag, active low
FTEST
41
I
Tied to DVSS1 for normal operation
LRCLK
18
I/O
Left/right clock (input when M_S = 0; output when M_S = 1)
MCLK_IN
1
I
MCLK input
MCLK_OUT
16
O
Buffered system clock output if M_S = 1; otherwise set to 0
MOD0
22
I
Serial interface selection pin, bit 0
MOD1
21
I
Serial interface selection pin, bit 1
MOD2
20
I
Serial interface selection pin, bit 2 (MSB)
M_S
10
I
Master/slave, Master=1, Slave=0
MUTE
38
I
Muted signal = 0, Normal mode = 1
NC
6, 11, 26, 27,
32, 33
No connection
OSC_CAP
45
I
Oscillator cap return
PDN
8
I
Power down, active low
PTEST
9
I
Tied to DVSS1 for normal operation
PLL_FLT_OUT
3
O
Output terminal for external PLL filter
PLL_FLT_RET
4
I
Return for external PLL filter
PWM_M_L
34
O
PWM left output (differential –) Positive H-bridge side
PWM_M_R
28
O
PWM right output (differential –) Positive H-bridge side
PWM_P_L
35
O
PWM left output (differential +) Positive H-bridge side
PWM_P_R
29
O
PWM right output (differential +) Positive H-bridge side
RESET
7
I
Reset (active low)
SCLK
17
I/O
Shift clock (input when M_S = 0, output when M_S = 1)
SDIN
19
I
Stereo serial audio data input
STEST
40
I
Tied to DVSS1 for normal operation
XTL_IN
47
I
Crystal or clock input (MCLK input)
XTL_OUT
46
O
Crystal output (not for external usage) NC when XTL_IN is MCLK input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com