Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS922 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS922
Description  Rail-to-rail high output current dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS922 Datasheet HTML 10Page - STMicroelectronics TS922 Datasheet HTML 11Page - STMicroelectronics TS922 Datasheet HTML 12Page - STMicroelectronics TS922 Datasheet HTML 13Page - STMicroelectronics TS922 Datasheet HTML 14Page - STMicroelectronics TS922 Datasheet HTML 15Page - STMicroelectronics TS922 Datasheet HTML 16Page - STMicroelectronics TS922 Datasheet HTML 17Page - STMicroelectronics TS922 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Package mechanical data
TS922
14/21
5
Package mechanical data
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a Lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
5.1
Flip-chip package (8 bumps)
Figure 14.
Top view and dimensions of 8-bump flip-chip
Figure 15.
Flip-chip footprint recommendation
■ Die size: 1600µm x 1600µm ±30µm
■ Die height: 350µm ±20µm
■ Die height (including bumps):
600µm
■ Bumps diameter: 315µm ±50µm
■ Bumps height: 250µm ±40µm
■ Pitch: 500µm ±10µm
600 µm
1600 µm
1600 µm
500µm
500µm
∅ 315µm
600 µm
1600 µm
1600 µm
500µm
500µm
∅ 315µm
Pad in Cu 18
μm with Flash NiAu (6μm, 0.15μm)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm
75µm min.
100
μm max.
Track
Solder mask opening
TS922IJ Footprint
Pad in Cu 18
μm with Flash NiAu (6μm, 0.15μm)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm
75µm min.
100
μm max.
Track
Solder mask opening
Pad in Cu 18
μm with Flash NiAu (6μm, 0.15μm)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm
75µm min.
100
μm max.
Track
Solder mask opening
TS922IJ Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com