Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS922IPT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS922IPT
Description  Rail-to-rail high output current dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922IPT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS922IPT Datasheet HTML 3Page - STMicroelectronics TS922IPT Datasheet HTML 4Page - STMicroelectronics TS922IPT Datasheet HTML 5Page - STMicroelectronics TS922IPT Datasheet HTML 6Page - STMicroelectronics TS922IPT Datasheet HTML 7Page - STMicroelectronics TS922IPT Datasheet HTML 8Page - STMicroelectronics TS922IPT Datasheet HTML 9Page - STMicroelectronics TS922IPT Datasheet HTML 10Page - STMicroelectronics TS922IPT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TS922
Electrical characteristics
7/21
Table 4.
Electrical characteristics measured at VCC = 5V, VDD = 0V, Vicm = Vcc/2,
Tamb = 25°C, and RL connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
TS922, T=25°C
TS922A, T=25°C
TS922IJ (flip-chip), T=25°C
3
0.9
1.5
mV
Tmin ≤ Tamb ≤ Tmax TS922
Tmin ≤ Tamb ≤ Tmax TS922A
Tmin ≤ Tamb ≤ Tmax TS922IJ (flip-chip)
5
1.8
2.5
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
Vout = VCC/2
T=25°C
Tmin ≤ Tamb ≤ Tmax
130
30
nA
Iib
Input bias current
Vout = VCC/2
T=25°C
Tmin ≤ Tamb ≤ Tmax
15
100
100
nA
VOH
High level output voltage
RL= 10k, T=25°C
Tmin ≤ Tamb ≤ Tmax
4.9
4.9
V
RL = 600Ω, T=25°C
Tmin ≤ Tamb ≤ Tmax
4.85
4.85
RL = 32Ω, T=25°C
4.4
VOL
Low level output voltage
RL= 10k, T=25°C
Tmin ≤ Tamb ≤ Tmax
50
50
mV
RL = 600Ω, T=25°C
Tmin ≤ Tamb ≤ Tmax
120
120
RL = 32Ω, T=25°C
300
Avd
Large signal voltage gain
(Vout = 2Vp-p)
RL= 10k, T=25°C
RL= 10k, Tmin ≤ Tamb ≤ Tmax
70
200
V/mV
RL = 600Ω, T=25°C
RL = 600Ω, Tmin ≤ Tamb ≤ Tmax
20
35
RL = 32Ω, T=25°C
16
Icc
Total supply current
No load, Vout = VCC/2,
T=25°C
Tmin ≤ Tamb ≤ Tmax
23
3.2
mA
GBP
Gain bandwidth product
RL = 600Ω
4MHz
CMR
Common mode rejection
ratio
T=25°C
Tmin ≤ Tamb ≤ Tmax
60
56
80
dB
SVR
Supply voltage rejection ratio
VCC = 4.5 to 5.5V
T=25°C
Tmin ≤ Tamb ≤ Tmax
60
60
85
dB
Io
Output short circuit current
50
80
mA
SR
Slew rate
0.7
1.3
V/
μs
φm
Phase margin at unit gain
RL = 600Ω, CL =100pF
68
Degrees
Gm
Gain margin
RL = 600Ω, CL =100pF
12
dB
en
Equivalent input noise
voltage
f = 1kHz
9
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com