Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9279 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9279
Description  IC FOR 10.00 - 52.00 MHz VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9279 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9279 Datasheet HTML 1Page - Micro Analog systems MAS9279 Datasheet HTML 2Page - Micro Analog systems MAS9279 Datasheet HTML 3Page - Micro Analog systems MAS9279 Datasheet HTML 4Page - Micro Analog systems MAS9279 Datasheet HTML 5Page - Micro Analog systems MAS9279 Datasheet HTML 6Page - Micro Analog systems MAS9279 Datasheet HTML 7Page - Micro Analog systems MAS9279 Datasheet HTML 8Page - Micro Analog systems MAS9279 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DA9279.003
13 July 2006
2 (10)
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Note
Power Supply Voltage
VDD
149
1340
Programming Input
PV
561
1340
Serial Bus Clock Input
CLK
1000
1340
Serial Bus Data Input
DA
1565
1340
Temperature Output
TE1
2024
1340
3
Test Multiplexer Output
TE2
2016
140
3
Voltage Control Input
VC
147
140
Crystal Oscillator Output
X1
1261
140
Crystal/Varactor Oscillator Input
X2
518
140
Power Supply Ground
VSS
1549
140
Buffer Output
OUT
1810
140
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Make sure that GND is the first pad to be bonded. Pick-and-place and all component assembly are
recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
Note 3: Valid for MAS9279A1, A3, A5 and A7. In MAS9279A2, A4, A6 and A8 TE1 and TE2 pins have been
swapped.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Pin Voltage
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
100
mW
Storage Temperature
TST
-55
150
oC
ESD Rating; HBM
2
kV
2)
Note 1: Not valid for programming pin PV
Note 2: In X1 and X2 pins maximum ESD rating is 1.5kV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.7
3.3
5.5
V
Supply Current
ICC
Vdd = 3.3 Volt
6.0
mA
1
Operating Temperature
TOP
-40
+85
oC
Crystal Pulling Sensitivity
S
24
28
35
ppm/pF
2
Crystal Pulling Sensitivity
S
28
33
38
ppm/pF
3
Crystal Load Capacitance
CL
Vc = 1.2V
8
pF
2
Crystal Load Capacitance
CL
Vc = 1.2V
10
pF
3
Note 1: At 26MHz crystal
Note 2: MAS9279A1, MAS9279A3, MAS9279A5, MAS9279A7
Note 3: MAS9279A2, MAS9279A4, MAS9279A6, MAS9279A8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com