Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5821 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5821
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5821 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5821 Datasheet HTML 2Page - Analog Devices AD5821 Datasheet HTML 3Page - Analog Devices AD5821 Datasheet HTML 4Page - Analog Devices AD5821 Datasheet HTML 5Page - Analog Devices AD5821 Datasheet HTML 6Page - Analog Devices AD5821 Datasheet HTML 7Page - Analog Devices AD5821 Datasheet HTML 8Page - Analog Devices AD5821 Datasheet HTML 9Page - Analog Devices AD5821 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5821
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
1
2
VIEW FROM BALL SIDE
3
B
C
Figure 3. 9-Ball WLCSP Pin Configuration
Table 5. 9-Ball WLCSP Pin Function Description
Ball Number
Mnemonic
Description
A1
ISINK
Output Current Sink.
A2
NC
No Connection.
A3
XSHUTDOWN
Power-Down. Asynchronous power-down signal, active low.
B1
AGND
Analog Ground Pin.
B2
DGND
Digital Ground Pin.
B3
SDA
I2C Interface Signal.
C1
DGND
Digital Ground Pin.
C2
VDD
Digital Supply Voltage.
C3
SCL
I2C Interface Signal.
NC
DGND
2
SDA
3
SCL
4
DGND
5
VDD
6
AGND
7
ISINK
8
XSHUTDOWN
1
1690µm
1515µm
Figure 4. Metallization Photo
Dimensions shown in microns (μm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com