Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE100A Datasheet(PDF) 70 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 66Page - STMicroelectronics STE100A Datasheet HTML 67Page - STMicroelectronics STE100A Datasheet HTML 68Page - STMicroelectronics STE100A Datasheet HTML 69Page - STMicroelectronics STE100A Datasheet HTML 70Page - STMicroelectronics STE100A Datasheet HTML 71Page - STMicroelectronics STE100A Datasheet HTML 72Page - STMicroelectronics STE100A Datasheet HTML 73Page - STMicroelectronics STE100A Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
General EEPROM format description
STE10/100A
70/82
5
General EEPROM format description
Table 15.
Connection type definition
Offset
Length
Description
0
2
STE10/100A signature: 0x81, 0x09
21
Format major version: 0x02,
old ROM format version 0x01 is for STE10/100A-MAC only.
3
1
Format minor version: 0x00
44
Reserved
8
6
IEEE network address: ID1, ID2, ID3, ID4, ID5, ID6
E1
IEEE ID checksum1:
Sm0=0, carry=0
SUM=Sm6 where Smi=(Smi-1<<1)+(carry from shift)+IDi
F1
IEEE ID checksum2:
Reserved, should be zero.
10
1
PHY type, 0xFF: Internal PHY (STE10/100A only)
11
1
Reserved, should be zero
12
2
Default connection type, see Table 15
14
0B
Reserved, should be zero
1F
1
Flow control field,
00: Disable flow control function,
01: Enable flow control function.
20
2
PCI device ID
22
2
PCI vendor ID
24
2
PCI subsystem ID
26
2
PCI subsystem vendor ID
28
1
MIN_GNT value
29
1
MAX_LAT value
2A
4
Cardbus CIS pointer
2E
2
CSR18 (CR) bit 31-16 recall data
30
4E
Reserved, should be zero
7E
2
CheckSum, the least significant two bytes of FCS for data stored in offset
0..7D of EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com