| Electronic Components Datasheet Search |
|
TAS5036APFCRG4 Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5036APFCRG4 Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 62 page ![]() Architecture Overview 24 SLES061B—November 2002—Revised January 2004 TAS5036A A6 A5 A4 A3 A2 A1 A0 R/W ACK A7 A6 A5 A4 A3 A2 A1 A0 ACK D7 D6 D5 D4 D3 D2 D1 D0 ACK Stop Condition Acknowledge Acknowledge Acknowledge I2C Device Address and Read/Write Bit Register Address Data Byte Start Condition Figure 2−14. Single-Byte Write Transfer 2.5.2 Multiple-Byte Write A multiple-byte data write transfer is identical to a single-byte data write transfer except that multiple data bytes are transmitted by the master device to TAS5036A as shown in Figure 2−15. After receiving each data byte, the TAS5036A responds with an acknowledge bit. D7 D6 D1 D0 ACK Stop Condition Acknowledge I2C Device Address and Read/Write Bit Register Address Last Data Byte A6 A5 A1 A0 R/W ACK A7 A5 A1 A0 ACK D7 D6 D1 D0 ACK Start Condition Acknowledge Acknowledge Acknowledge First Data Byte A4 A3 A6 Other Data Bytes Figure 2−15. Multiple-Byte Write Transfer 2.5.3 Single-Byte Read As shown in Figure 2−16, a single-byte data read transfer begins with the master device transmitting a start condition followed by the I2C device address and the read/write bit. For the data read transfer, a write followed by a read are actually done. Initially, a write is done to transfer the address byte or bytes of the internal memory address to be read. As a result, the read/write bit is 0. After receiving the TAS5036A address and the read/write bit, the TAS5036A responds with an acknowledge bit. Also, after sending the internal memory address byte or bytes, the master device transmits another start condition followed by the TAS5036A address and the read/write bit again. This time the read/write bit is a 1 indicating a read transfer. After receiving the TAS5036A and the read/write bit, the TAS5036A again responds with an acknowledge bit. Next, the TAS5036A transmits the data byte from the memory address being read. After receiving the data byte, the master device transmits a not acknowledge followed by a stop condition to complete the single-byte data read transfer. A6 A5 A0 R/W ACK A7 A6 A5 A4 A0 ACK A6 A5 A0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge I2C Device Address and Read/Write Bit Register Address Data Byte D7 D6 D1 D0 ACK I2C Device Address and Read/Write Bit Repeat Start Condition Not Acknowledge R/W A1 A1 Figure 2−16. Single-Byte Read 2.5.4 Multiple-Byte Read A multiple-byte data read transfer is identical to a single-byte data read transfer except that multiple data bytes are transmitted by the TAS5036A to the master device as shown in Figure 2−17. Except for the last data byte, the master device responds with an acknowledge bit after receiving each data byte. A6 A0 ACK Acknowledge I2C Device Address and Read/Write Bit R/W A6 A0 R/W ACK A4 A0 ACK D7 D0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge Last Data Byte D7 D6 D1 D0 ACK First Data Byte Repeat Start Condition Not Acknowledge I2C Device Address and Read/Write Bit Register Address Other Data Bytes A7 A6 A5 Figure 2−17. Multiple-Byte Read |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |