Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9281ALTG00 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9281ALTG00
Description  IC FOR 10.00 - 60.00 MHz XO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9281ALTG00 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9281ALTG00 Datasheet HTML 1Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 2Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 3Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 4Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 5Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 (6)
DA9281.002
10 July 2006
APPLICATION INFORMATION
Version
PD pin
Output
Oscillator
HIGH
Normal Operation
Normal Operation
LOW
High Impedance
Stopped
AA, AB, AC, AD, AE,
AG, AH, AJ, AK, AL, AN,
AP, AQ, AR, AS, AT
Floating
Normal Operation
Normal Operation
HIGH
Normal Operation
Normal Operation
LOW
High Impedance
Normal Operation
A0, A1, A2, A3, A4
Floating
Normal Operation
Normal Operation
Signal
Generator
Output
Vdd
Vss
X1
MAS9281
50R
1nF
250R
Figure 1
Signal
Generator
Output
Vdd
Vss
X1
MAS9281
50R
1nF
A
Figure 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com