Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720100AGM-8EY Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8EY Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD720100AGM-8EY Datasheet HTML 1Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 2Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 3Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 4Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 5Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 6Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 7Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 8Page - Renesas Technology Corp UPD720100AGM-8EY Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µPD720100A
USB 2.0 HOST CONTROLLER
Document No.
S15535EJ3V0DS00 (3rd edition)
Date Published March 2005 NS CP (K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
2001
The
µPD720100A complies with the Universal Serial Bus Specification Revision 2.0 and Open Host Controller
Interface Specification for full-/low-speed signaling and Intel's Enhanced Host Controller Interface Specification for
high-speed signaling and works up to 480 Mbps. The
µPD720100A is integrated three host controller cores with PCI
interface and USB 2.0 transceivers into a single chip.
Detailed function descriptions are provided in the following user’s manual. Be sure to read the manual before designing.
µPD720100A User’s Manual: S15534E
FEATURES
Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 1.5/12/480 Mbps)
Compliant with Open Host Controller Interface Specification for USB Rev 1.0a
Compliant with Enhanced Host Controller Interface Specification for USB Rev 0.95
PCI multi-function device consists of two OHCI host controller cores for full-/low-speed signaling and one EHCI
host controller core for high-speed signaling.
Root hub with five (max.) downstream facing ports which are shared by OHCI and EHCI host controller core
All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps)
transaction.
Configurable number of downstream facing ports (2 to 5)
32-bit 33 MHz host interface compliant to PCI Specification release 2.2.
Supports PCI Mobile Design Guide Revision 1.1.
Supports PCI-Bus Power Management Interface Specification release 1.1.
PCI Bus bus-master access
System clock is generated by 30 MHz X’tal or 48 MHz clock input.
Operational registers direct-mapped to PCI memory space
Legacy support for all downstream facing ports. Legacy support features allow easy migration for motherboard
implementation.
3.3 V power supply, PCI signal pins have 5 V tolerant circuit.
ORDERING INFORMATION
Part Number
Package
Remark
µPD720100AGM-8ED
160-pin plastic LQFP (Fine pitch) (24
× 24)
µPD720100AGM-8EY
160-pin plastic LQFP (Fine pitch) (24
× 24)
µPD720100AGM-8EY-A
160-pin plastic LQFP (Fine pitch) (24
× 24)
Lead-free product
µPD720100AS1-2C
176-pin plastic FBGA (15
× 15)
µPD720100AS1-2C-A
176-pin plastic FBGA (15
× 15)
Lead-free product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com