Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9283ANSN06 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9283ANSN06
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283ANSN06 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9283ANSN06 Datasheet HTML 2Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 3Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 4Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 5Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 6Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 7Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 8Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 9Page - Micro Analog systems MAS9283ANSN06 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DA9283.006
13 July 2006
6 (14)
MODULATION RESPONSE
MAS9283AA Modulation Response
-10,00
-8,00
-6,00
-4,00
-2,00
0,00
2,00
0,1
1
10
100
Frequency (kHz)
Figure 4. Modulation response of MAS9293.
3dB point is typically at 20.4 kHz. Measurement has been done using typical modulation connection described
below.
MODULATION MEASUREMENT
Figure 5. Modulation response measurement setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com