Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6250 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC6250
Description  1Gb/s 16-Channel Drive-Side Deskew IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6250 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC6250 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6250 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
G52197-0, Rev. 4.0
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
8/19/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6250
1Gb/s 16-Channel
Drive-Side Deskew IC
Functional Description
The VSC6250 is a 1Gb/s 16-channel drive-path deskew IC designed for deskewing differences in path
delay between multiple DUTs in a high-speed memory test system. The VSC6250 can be used as two indepen-
dent 1:8 fanout and deskew sections or as a single 1:16 fanout and deskew. When used as two 1:8 deskews,
input signals are applied to inputs DINA and DINB. When used as a single 1:16 deskew, the input is applied to
input DIN.
The VSC6250 is designed to operate with a conventional 500MHz timing generator which outputs format-
ted pulses to the VSC6250 deskew IC. See Figure 1. The waveform at the input of the VSC6250 is the same as
that presented to the DUT pin. In a memory tester, such a 500MHz timing generator IC may be designed:
• Using one edge to output a single 500Mb/s data stream
• Using two edges to output a single 500Mb/s data stream preceded its complement
• Using three edges to output a single data stream at 500Mb/s surrounded by its complement
• Using two edges to output two interleaved 500Mb/s data streams for an aggregate bandwidth of 1Gb/s.
Formatting is performed inside the timing generator IC. An example interface between the timing generator
IC and the deskew is shown in Figure 1. This configuration is capable of supporting the four different data out-
put choices, with appropriate design of the formatting logic.
The VSC6250 can handle pulses with a data rate up to 1Gb/s or a pulse repetition rate up to 2ns. A timing
diagram for the VSC6250 is shown in Figure 2.
Figure 1: VSC6250 Interface to Timing Generator IC
Figure 2: VSC6250 AC Timing Diagram
S
Format
Logic
Timeset/Dataset
RAM
Timing Generator
VSC6250
R
S
R
S
R
tREFIRE
tPWI
tPWO
DINx
DOUTx
tPDR
tPDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com