Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504A Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2504A
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504A Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2504A Datasheet HTML 7Page - SMSC Corporation USB2504A Datasheet HTML 8Page - SMSC Corporation USB2504A Datasheet HTML 9Page - SMSC Corporation USB2504A Datasheet HTML 10Page - SMSC Corporation USB2504A Datasheet HTML 11Page - SMSC Corporation USB2504A Datasheet HTML 12Page - SMSC Corporation USB2504A Datasheet HTML 13Page - SMSC Corporation USB2504A Datasheet HTML 14Page - SMSC Corporation USB2504A Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
11
Revision 2.1 (12-06-06)
DATASHEET
4-PORT USB 2.0 HUB INTERFACE
High-Speed USB
Data
USBDN[4:1]
USBDP[4:1]
IO-U
These pins connect to the downstream USB peripheral
devices attached to the Hub’s ports.
USB Power
Enable
PRTPWR[4:1]
O12
Enables power to USB peripheral devices (downstream).
The active signal level of the PRTPWR[4:1] pins is
determined by the Power Polarity Strapping function of the
PRTPWR_POL pin.
Port 4:3 Green
LED
&
Port Disable
strapping option.
GR[4:3]/
PRT_DIS[1:0]
I/O12
Green indicator LED for ports 4 and 3. Will be active low
when LED support is enabled via EEPROM or SMBus.
If the hub is configured by the internal default configuration,
these pins will be sampled at RESET_N negation to
determine if ports [4:2] will be permanently disabled. Also,
the active state of the LED’s will be determined as follows:
PRT_DIS[1:0] = ‘00’, All ports are enabled,
GR4 is active high,
GR3 is active high.
PRT_DIS[1:0] = ‘01’, Port 4 is disabled,
GR4 is active high,
GR3 is active low.
PRT_DIS[1:0] = ‘10’, Ports 4 & 3 are disabled,
GR4 is active low,
GR3 is active high.
PRT_DIS[1:0] = ‘11’, Ports 4, 3 & 2 are disabled,
GR4 is active low,
GR3 is active low.
Port [2:1] Green
LED
&
Port Non-
Removable
strapping option.
GR[2:1]/
NON_REM[1:0]
I/O12
Green indicator LED for ports 2 and 1. Will be active low
when LED support is enabled via EEPROM or SMBus.
If the hub is configured by the internal default configuration,
these pins will be sampled at RESET_N negation to
determine if ports [3:1] contain permanently attached (non-
removable) devices. Also, the active state of the LED’s will
be determined as follows:
NON_REM[1:0] = ‘00’, All ports are removable,
GR2 is active high,
GR1 is active high.
NON_REM[1:0] = ‘01’, Port 1 is non-removable,
GR2 is active high,
GR1 is active low.
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable,
GR2 is active low,
GR1 is active high.
NON_REM[1:0] = ‘11’, Ports 1, 2, & 3 are non-removable,
GR2 is active low,
GR1 is active low.
Table 4.1 4-Port Hub Pin Descriptions (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com