Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6056GF Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6056GF
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056GF Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6056GF Datasheet HTML 1Page - Richtek Technology Corporation RT6056GF Datasheet HTML 2Page - Richtek Technology Corporation RT6056GF Datasheet HTML 3Page - Richtek Technology Corporation RT6056GF Datasheet HTML 4Page - Richtek Technology Corporation RT6056GF Datasheet HTML 5Page - Richtek Technology Corporation RT6056GF Datasheet HTML 6Page - Richtek Technology Corporation RT6056GF Datasheet HTML 7Page - Richtek Technology Corporation RT6056GF Datasheet HTML 8Page - Richtek Technology Corporation RT6056GF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS6056-00
April 2022
2
Ordering Information
Package Type
F : MSOP-10
RT6056
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
0H=YM
DNN
0H= : Product Code
YMDNN : Date Code
Pin Configuration
(TOP VIEW)
IN+
GND
A1
SDA
Alert
IN-
VBUS
SCL
VS
A0
5
6
7
8
4
3
2
10
9
MSOP-10
Functional Pin Description
Pin No.
Pin Name
I/O
Pin Function
1
A1
Digital Input
Address pin. Connect to GND, SCL, SDA, or VS.
2
A0
Digital Input
Address pin. Connect to GND, SCL, SDA, or VS.
3
Alert
Digital Output
Multi-functional alert, open-drain output.
4
SDA
Digital IN/OUT
Bi-directional serial data interface.
5
SCL
Digital Input
Serial clock interface.
6
VS
Power
Supply voltage, 2.7 V to 5.5 V. Connect a 0.1μF capacitor as close to
the VS pin as possible.
7
GND
Ground
Ground.
8
VBUS
Analog Input
Bus voltage input.
9
IN-
Analog Input
Negative current-sensing input. Connect load side to external sense
resistor.
10
IN+
Analog Input
Positive current-sensing input. Connect power side to external sense
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com