Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISCN462N Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCN462N
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCN462N Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCN462N Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCN462N Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
ISCN462N
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 500V(Min)
·
Collector-Emitter Saturation Voltage-
: VCE(sat)= 1.0V(Max) @IC=10A
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for power amplifier,high speed switching and
regulated power supply applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
500
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
17
A
PC
Collector Power Dissipation
@ TC=75℃
150
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.83
℃
/W


Similar Part No. - ISCN462N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCN400P ISC-ISCN400P Datasheet
294Kb / 2P
isc Silicon NPN Power Transistor
ISCN40D ISC-ISCN40D Datasheet
233Kb / 2P
isc Silicon NPN Power Transistors
ISCN425P ISC-ISCN425P Datasheet
295Kb / 2P
isc Silicon NPN Power Transistor
ISCN440P ISC-ISCN440P Datasheet
281Kb / 2P
isc Silicon NPN Power Transistor
ISCN450W ISC-ISCN450W Datasheet
362Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - ISCN462N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com