Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6318C Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6318C
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318C Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6318C Datasheet HTML 1Page - Richtek Technology Corporation RT6318C Datasheet HTML 2Page - Richtek Technology Corporation RT6318C Datasheet HTML 3Page - Richtek Technology Corporation RT6318C Datasheet HTML 4Page - Richtek Technology Corporation RT6318C Datasheet HTML 5Page - Richtek Technology Corporation RT6318C Datasheet HTML 6Page - Richtek Technology Corporation RT6318C Datasheet HTML 7Page - Richtek Technology Corporation RT6318C Datasheet HTML 8Page - Richtek Technology Corporation RT6318C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RT6318B/C
2
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
(TOP VIEW)
UQFN-12HL 3x3 (FC)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
Marking Information
Package Type
QUF : UQFN-12HL 3x3 (FC) (U-Type)
RT6318B/C
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
B : 3.3V
C : 5.1V
QQ=YM
DNN
RT6318BGQUF
QQ= : Product Code
YMDNN : Date Code
RT6318CGQUF
QS=YM
DNN
QS= : Product Code
YMDNN : Date Code
LX
LX
BOOT
VIN
EN
PGND
6
11 10
9
8
1
2
4
12
5
3
7
RT6318B
RT6318C
LX
LX
BOOT
VIN
EN
PGND
6
11 10
9
8
1
2
4
12
5
3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com