Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8097D Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8097D
Description  2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8097D Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8097D Datasheet HTML 8Page - Richtek Technology Corporation RT8097D Datasheet HTML 9Page - Richtek Technology Corporation RT8097D Datasheet HTML 10Page - Richtek Technology Corporation RT8097D Datasheet HTML 11Page - Richtek Technology Corporation RT8097D Datasheet HTML 12Page - Richtek Technology Corporation RT8097D Datasheet HTML 13Page - Richtek Technology Corporation RT8097D Datasheet HTML 14Page - Richtek Technology Corporation RT8097D Datasheet HTML 15Page - Richtek Technology Corporation RT8097D Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT8097D
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8097D-07
June
2021
www.richtek.com
13
Inductor saturation current should be chosen over IC’s
current limit.
Input Capacitor Selection
High quality ceramic input decoupling capacitor, such
as X5R or X7R, with values greater than 22
µF are
recommended for the input capacitor. The X5R and
X7R ceramic capacitors are usually selected for power
regulator capacitors because the dielectric material has
less capacitance variation and more temperature
stability.
Voltage rating and current rating are the key parameters
when selecting an input capacitor. Generally, selecting
an input capacitor with voltage rating 1.5 times greater
than the maximum input voltage is a conservatively safe
design.
The input capacitor is used to supply the input RMS
current, which can be approximately calculated using
the following equation :
OUT
OUT
IN_RMS
LOAD
IN
IN
VV
I
= I
1
VV
×
×−
The next step is selecting a proper capacitor for RMS
current rating. One good design uses more than one
capacitor with low equivalent series resistance (ESR) in
parallel to form a capacitor bank.
The input capacitance value determines the input ripple
voltage of the regulator. The input voltage ripple can be
approximately calculated using the following equation :
OUT(MAX)
OUT
OUT
IN
IN
SW
IN
IN
I
VV
V
=
1
Cf
V
V
∆
×
×−
×
Output Capacitor Selection
The output capacitor and the inductor form a low pass
filter in the Buck topology. In steady state condition, the
ripple current flowing into/out of the capacitor results in
ripple voltage. The output voltage ripple (VP-P) can be
calculated by the following equation :
P_P
LOAD(MAX)
OUT
SW
1
V
= LIR I
ESR +
8C
f
×× 
××
When load transient occurs, the output capacitor
supplies the load current before the controller can
respond. Therefore, the ESR will dominate the output
voltage sag during load transient. The output voltage
undershoot (VSAG) can be calculated by the following
equation :
SAG
LOAD
V
= I
ESR
∆
×
For a given output voltage sag specification, the ESR
value can be determined.
Another parameter that has influence on the output
voltage sag is the equivalent series inductance (ESL).
The rapid change in load current results in di/dt during
transient. Therefore, the ESL contributes to part of the
voltage sag. Using a capacitor with low ESL can obtain
better transient performance. Generally, using several
capacitors connected in parallel can have better
transient performance than using a single capacitor for
the same total ESR.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX) − TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA
is the ambient temperature, and
θJA is the junction to
ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125
°C. The
junction to ambient thermal resistance,
θJA, is layout
dependent.
For
SOT-23-5 package,
the thermal
resistance,
θJA, is 97.8°C/W on a two -layer thermal test
board. For SOT-23-6 package, the thermal resistance,
θJA, is 91.5°C/W on a two-layer thermal test board. The
maximum power dissipation at TA = 25°C can be
calculated by the following formula :
PD(MAX) = (125°C − 25°C) / (97.8 °C/W) = 1.02W for
SOT-23-5 package
PD(MAX) = (125°C − 25°C) / (91.5°C/W) = 1.09W for
SOT-23-6 package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal resistance,
θJA. The derating curve in Figure 2
allows the designer to see the effect of rising ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com