Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD437 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD437
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD437 Datasheet(HTML) 1 Page - STMicroelectronics

  BD437 Datasheet HTML 1Page - STMicroelectronics BD437 Datasheet HTML 2Page - STMicroelectronics BD437 Datasheet HTML 3Page - STMicroelectronics BD437 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD433/5/7
BD434/6/8
COMPLEMENTARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPE
s
COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION
The BD433, BD435, and BD437 are silicon
epitaxial-base NPN power transistors in Jedec
SOT-32 plastic package, intented for use in
medium power linear and switching applications.
The BD433 is especially suitable for use in
car-radio output stages.
The complementary PNP types are BD434,
BD436, and BD438 respectively.
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
3
2
1
SOT-32
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
BD433
BD435
BD437
PNP
BD434
BD436
BD438
VCBO
Collector-Base Voltage (IE = 0)
22
32
45
V
VCES
Collector-Emitter Voltage (VBE = 0)
22
32
45
V
VCEO
Collector-Emitter Voltage (IB = 0)
22
32
45
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
4
A
ICM
Collector Peak Current (t
≤ 10 ms)
7A
IB
Base Current
1
A
Ptot
Total Dissipation at Tc
≤ 25 oC
36
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
For PNP types voltage and current values are negative.
1/4


Similar Part No. - BD437

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
STMicroelectronics
BD437 STMICROELECTRONICS-BD437 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD437 SIEMENS-BD437 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
logo
Fairchild Semiconductor
BD437 FAIRCHILD-BD437 Datasheet
44Kb / 5P
Medium Power Linear and Switching Applications
logo
Micro Electronics
BD437 MICRO-ELECTRONICS-BD437 Datasheet
67Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - BD437

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com