Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS44 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BSS44
Description  SILICON PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BSS44 Datasheet(HTML) 1 Page - STMicroelectronics

  BSS44 Datasheet HTML 1Page - STMicroelectronics BSS44 Datasheet HTML 2Page - STMicroelectronics BSS44 Datasheet HTML 3Page - STMicroelectronics BSS44 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BSS44
SILICON PNP TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
PNP TRANSISTOR
DESCRIPTION
The BSS44 is a silicon epitaxial planar PNP
transistor in Jedec TO-39 metal case. It is used
for high-current switching and power applications
up to 5 A.
®
INTERNAL SCHEMATIC DIAGRAM
December 2000
TO-39
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
- 65
V
VCEO
Collector-Emitter Voltage (IB = 0)
- 60
V
VEBO
Emitter-Base Voltage (IC = 0)
- 6
V
IC
Collector Current
- 5
A
Ptot
Total Dissipation at Tcase
≤ 25 oC
Tamb
≤ 25 oC
5
0.87
W
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1/4


Similar Part No. - BSS44

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BSS44 STMICROELECTRONICS-BSS44 Datasheet
48Kb / 4P
SILICON PNP TRANSISTOR
Nov-1998
logo
Central Semiconductor C...
BSS44 CENTRAL-BSS44 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSS44 SEME-LAB-BSS44 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
BSS44 NJSEMI-BSS44 Datasheet
127Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results

Similar Description - BSS44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
logo
Unisonic Technologies
PZT4033 UTC-PZT4033 Datasheet
141Kb / 4P
PNP SILICON TRANSISTOR
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com