Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL216 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL216
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL216 Datasheet(HTML) 2 Page - STMicroelectronics

  BUL216_01 Datasheet HTML 1Page - STMicroelectronics BUL216_01 Datasheet HTML 2Page - STMicroelectronics BUL216_01 Datasheet HTML 3Page - STMicroelectronics BUL216_01 Datasheet HTML 4Page - STMicroelectronics BUL216_01 Datasheet HTML 5Page - STMicroelectronics BUL216_01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
1.39
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 1600 V
VCE = 1600 V
Tj = 125
oC
100
500
µA
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 800 V
250
µA
VCEO(sus)
Collector-Emitter
Sustaining Voltage
IC = 100 mA
L = 25 mH
800
V
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 10 mA
9
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.66 A
1
3
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.66 A
1.2
1.2
V
V
hFE
∗
DC Current Gain
IC = 0.4 A
VCE = 5 V
IC = 10 mA
VCE = 5 V
12
10
40
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 1.5 A
IB1 = 0.5 A
VBE(off) = -5 V
RBB = 0
Ω
VCL = 250 V
L = 200
µH
2.1
450
3.3
720
µs
ns
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 1.5 A
IB1 = 0.5 A
VBE(off) = -5 V
RBB = 0
Ω
VCL = 250 V
L = 200
µH
Tj = 100
oC
3
600
µs
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
BUL216
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com