Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL742C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUL742C
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL742C Datasheet(HTML) 1 Page - STMicroelectronics

  BUL742C Datasheet HTML 1Page - STMicroelectronics BUL742C Datasheet HTML 2Page - STMicroelectronics BUL742C Datasheet HTML 3Page - STMicroelectronics BUL742C Datasheet HTML 4Page - STMicroelectronics BUL742C Datasheet HTML 5Page - STMicroelectronics BUL742C Datasheet HTML 6Page - STMicroelectronics BUL742C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
April 2003
BUL742C
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
APPLICATIONS:
s
ELECTRONIC BALLAST FOR FLUORESCENT
LIGHTING
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The device is manufactured using High Voltage
Multi Epitaxial Planar technology for high switching
speeds and high voltage capability.
Thanks to an increased intermediate layer, it has an
intrinsic ruggedness which enables the transistor to
withstand an high collector current level during
breakdown condition, without using the transil
protection usually necessary in typical converters
for lamp ballast.
ABSOLUTE MAXIMUM RATINGS
Ordering Code
Marking
Package / Shipment
BUL742C
BUL742C
TO-220 / Tube
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE =0)
1050
V
VCEO
Collector-Emitter Voltage (IB =0)
400
V
VEBO
Emitter-Base Voltage (IC =0, IB < 2 A, tp < 10 ms)
V(BR)EBO
V
IC
Collector Current
4
A
ICM
Collector Peak Current (tp < 5 ms)
8A
IB
Base Current
2
A
IBM
Base Peak Current (tp < 5 ms)
4A
Ptot
Total Dissipation at Tc =25°C
70
W
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - BUL742C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL742C STMICROELECTRONICS-BUL742C Datasheet
286Kb / 12P
High voltage fast-switching NPN power transistor
27-May-2008
logo
Inchange Semiconductor ...
BUL742C ISC-BUL742C Datasheet
255Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
BUL742CFP STMICROELECTRONICS-BUL742CFP Datasheet
249Kb / 11P
High voltage fast-switching
10-Aug-2007
BUL742C STMICROELECTRONICS-BUL742C_08 Datasheet
286Kb / 12P
High voltage fast-switching NPN power transistor
27-May-2008
More results

Similar Description - BUL742C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com