Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC04IE170HP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STC04IE170HP
Description  Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC04IE170HP Datasheet(HTML) 4 Page - STMicroelectronics

  STC04IE170HP Datasheet HTML 1Page - STMicroelectronics STC04IE170HP Datasheet HTML 2Page - STMicroelectronics STC04IE170HP Datasheet HTML 3Page - STMicroelectronics STC04IE170HP Datasheet HTML 4Page - STMicroelectronics STC04IE170HP Datasheet HTML 5Page - STMicroelectronics STC04IE170HP Datasheet HTML 6Page - STMicroelectronics STC04IE170HP Datasheet HTML 7Page - STMicroelectronics STC04IE170HP Datasheet HTML 8Page - STMicroelectronics STC04IE170HP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STC04IE170HP
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
ICS(SS)
Collector-source current
(VBS =VGS =0V)
VCS(SS) =1700V
100
µA
IBS(OS)
Base-source current
(IC =0, VGS =0V)
VBS(OS) =30V
10
µA
ISB(OS)
Source-base current
(IC =0, VGS =0V)
VSB(OS) =17V
100
µA
IGS(OS)
Gate-source leakage
(VBS =0V)
VGS = ± 17V
100
nA
VCS(ON)
Collector-source ON
voltage
VGS =10V IC =4A
IB =0.8A
VGS =10V IC =1.5A IB =0.15A
0.7
0.6
1.5
1.4
V
V
hFE
DC current gain
VCS =1V
VGS =10V IC =4A
VCS =1V VGS =10V IC =1.5A
4
7
5.5
11
VBS(ON)
Base-source ON
voltage
VGS =10V IC =4A
IB =0.8A
VGS =10V IC =1.5A IB =0.15A
1.3
0.9
1.5
1.1
V
V
VGS(th)
Gate threshold voltage
VBS =VGS IB =250µA
23
4
V
Ciss
Input capacitance
VCS =25V f =1MHz
VGS=0V
510
pF
QGS(tot)
Gate-source Charge
VGS=10V
3.9
nC
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
VGS =10V
RG =47Ω
VClamp =1360V
tp =4µs
IC =2A
IB =0.4A
770
10
ns
ns
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
VGS =10V
RG =47Ω
VClamp =1360V
tp =4µs
IC =2A
IB =0.2A
410
10
ns
ns
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC =VClamp =400V
VGS =10V
IC =1.5A
IB = 0.3A
tpeak =500ns
RG =47Ω
IBpeak =3A (2IC )
5.36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com