Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC05IE150HP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC05IE150HP
Description  Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC05IE150HP Datasheet(HTML) 1 Page - STMicroelectronics

  STC05IE150HP Datasheet HTML 1Page - STMicroelectronics STC05IE150HP Datasheet HTML 2Page - STMicroelectronics STC05IE150HP Datasheet HTML 3Page - STMicroelectronics STC05IE150HP Datasheet HTML 4Page - STMicroelectronics STC05IE150HP Datasheet HTML 5Page - STMicroelectronics STC05IE150HP Datasheet HTML 6Page - STMicroelectronics STC05IE150HP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2006
1/7
7
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Features
■
High voltage / high current Cascode
configuration
■
Low equivalent on resistance
■
Very fast-switch, up to 150 kHZ
■
Squared rbsoa, up to 1500 V
■
Very low CISS driven by RG = 47 Ω
■
Very low turn-off cross over time
■
In compliance with the 2002/93/EC European
Directive
Applications
■
Aux SMPS for three phase mains
■
Sepic PFC
Description
The
STC05IE150HP
is
manufactured
in
Monolithic ESBT Technology, aimed to provide
best performance in high frequency / high voltage
applications. it is designed for use in Gate Driven
based topologies.
PRELIMINARY DATA
Internal Schematic Diagram
VCS(ON)
IC
RCS(ON)
0.6 V
5 A
0.12
W
TO247-4LHP
STC05IE150HP
Emitter Switched Bipolar Transistor
ESBT® 1500 V - 5 A - 0.12
Ω
www.st.com
Order Codes
Part Number
Marking
Package
Packaging
STC05IE150HP
C05IE150HP
TO247-4LHP
TUBE
Rev 2


Similar Part No. - STC05IE150HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
30-Nov-2006
More results

Similar Description - STC05IE150HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
20-Jan-2005
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
04-Oct-2004
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
29-Mar-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
30-Nov-2006
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
01-Dec-2006
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
28-Nov-2006
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com