Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1560CT Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # MBR1560CT
Description  MBR1560CT/MBRB1560CT/MBR1560CT-1 SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR1560CT Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  MBR1560CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 5Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Data Sheet N0727, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR1560CT
MBRB1560CT
MBR1560CT-1
10
100
1000
5
10
15
20
25
30
35
40
Reverse Voltage-VR(V)
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
Reverse Voltage-VR(V)
1
10
100
0.15 0.25 0.35 0.45 0.55 0.65 0.75 0.85 0.95 1.05 1.15 1.25 1.35 1.45
Forward voltage Drop-VF(V)
Ratings and Characteristics Curves
Marking Diagram
Where XXXXX is YYWWL
MBR
= Device Type
B
= Package type
15
= Forward Current (15A)
60
= Reverse Voltage (60V)
CT -1
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=125℃
TJ=25℃
TJ=25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com